Part Number Hot Search : 
4063A UDN2559B AS2531GN 4100M SMAJ13 2SC536 TS849LF 0216K
Product Description
Full Text Search
 

To Download 15-24-XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FEATURES AND SPECIFICATIONS
Features and Benefits Electrical s Positive housing locks to mate with Mini-Fit, Jr. receptacles Voltage: 600V s Fully isolated terminals to protect contacts from damage Current: (Used with 16 AWG) s Mini-Fit, BMI connectors have the capability of being Circuits 2-3 selectively loaded with longer pins for grounding 9 Amperes-BMI s 43759 is a first-mate/last-break header Amperes-BMI
with HCS 12
4.20mm (.165") Pitch Mini-Fit, BMITM Header
4-6 8 11 7-10 7 10 12-24 6 9
Reference Information Product Specification: PS-5556-0002 Packaging: Tray and bag UL File No.: E29179 CSA File No.: LR19980 TUV License No.: R75142 Mates With: 42385, 42474, 44475 and 5557 dual row receptacles Use With: Standard Mini-Fit terminals Designed In: Millimeters
Mechanical Insertion Force to PCB: 5.0kg max. Mating Force: 0.7kg (1.54 lb) max. Unmating Force: 0.35kg (0.7 lb) min. Normal Force: 200g min. Durability: 30 cycles Physical Housing: 6/6 nylon, UL 94V-2 or 94V-0 Contact: Brass Plating: Tin, select Gold or overall Gold Operating Temperature: -40 to +105C
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION AND DIMENSIONS
Order No. Circuits 4 6 10 14 16 18 24 36 94V-2 * 15-24-6040 * 15-24-6060 * 15-24-6100 * 15-24-6140 * 15-24-6180 * 15-24-6240 * 43759-0001 Tin Plated 94V-0 * 15-24-9044 * 15-24-9064 * 15-24-9104 * 15-24-9144 * 15-24-9164 * 15-24-9184 * 15-24-9244 94V-2 * 15-24-9043 * 15-24-9063 * 15-24-9103 * 15-24-9143 * 15-24-9183 * 15-24-9243 Gold Plated 94V-0 * 15-24-9045 * 15-24-9065 * 15-24-9105 * 15-24-9145 * 15-24-9165 * 15-24-9185 * 15-24-9245 15.00 19.20 27.60 36.00 40.20 44.40 57.00 82.20 A (.590) (.760) (1.090) (1.420) (1.580) (1.750) (2.240) (3.240) 4.20 8.40 16.80 25.20 29.40 33.60 46.20 71.40 Dimension B (.165) (.331) (.661) (.992) (1.157) (1.323) (1.819) (2.811)
* US Standard Product, available through Molex franchised distributors
www..com
www..com
MX01 F-67
Power Connectors
Contact Resistance: 10m max. Dielectric Withstanding Voltage: 1500V Insulation Resistance: 1000 M min.
42404/43759 Right Angle Dual Row
F


▲Up To Search▲   

 
Price & Availability of 15-24-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X